Part Number Hot Search : 
MP7528JN AX690 647180X PM0007 0257002 2SA1025 4069UB 91600
Product Description
Full Text Search
 

To Download 15-38-9252 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/18/2010 please check www.molex.com for latest part information part number: 0015389252 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch sl? ffc/fpc connector - single row male version d, 25 circuits documents: 3d model product specification ps-70430 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family ffc/fpc connectors series 70431 comments male overview cgrid__sl_products product name sl? physical circuits (loaded) 25 color - resin black contact position n/a durability (mating cycles max) 25 entry angle vertical flammability 94v-0 material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin polyester alloy number of rows 1 orientation vertical pcb locator no pcb retention none packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 150 plating min: mating (m) 3.75 plating min: termination (in) 150 plating min: termination (m) 3.75 polarized to pcb no stackable yes surface mount compatible (smc) n/a temperature range - operating -40c to +105c termination interface: style idt or pierce wire/cable type ffc/fpc electrical current - maximum per contact 2a voltage - maximum 250v material info reference - drawing numbers series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70431 series
product specification ps-70430 sales drawing sda-70431-**** this document was generated on 05/18/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 15-38-9252

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X